データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 193 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 193 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics ST25DV64K Datasheet HTML 197Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 193 / 197 page
background image
Table 218. Fast Extended Read Single Block response format when Error_flag is NOT set ....................... 125
Table 219. Block security status................................................................ 126
Table 220. Fast Extended Read Single Block response format when Error_flag is set........................... 126
Table 221. Fast Read Multiple Block request format .................................................. 127
Table 222. Fast Read Multiple Block response format when Error_flag is NOT set ............................. 127
Table 223. Block security status if Option_flag is set.................................................. 127
Table 224. Fast Read Multiple Block response format when Error_flag is set ................................. 127
Table 225. Fast Extended Read Multiple Block request format........................................... 129
Table 226. Fast Extended Read Multiple Block response format when Error_flag is NOT set ...................... 129
Table 227. Block security status if Option_flag is set.................................................. 129
Table 228. Fast Read Multiple Block response format when Error_flag is set ................................. 129
Table 229. Fast Write Message request format ..................................................... 130
Table 230. Fast Write Message response format when Error_flag is NOT set ................................ 130
Table 231. Fast Write Message response format when Error_flag is set .................................... 131
Table 232. Fast Read Message Length request format ................................................ 131
Table 233. Fast Read Message Length response format when Error_flag is NOT set ........................... 132
Table 234. Fast Read Message Length response format when Error_flag is set ............................... 132
Table 235. Fast Read Dynamic configuration request format ............................................ 132
Table 236. Fast Read Dynamic configuration response format when Error_flag is NOT set ....................... 133
Table 237. Fast Read Dynamic configuration response format when Error_flag is set ........................... 133
Table 238. Fast Write Dynamic Configuration request format............................................ 133
Table 239. Fast Write Dynamic Configuration response format when Error_flag is NOT set ....................... 134
Table 240. Fast Write Dynamic Configuration response format when Error_flag is set........................... 134
Table 241. UID format ...................................................................... 135
Table 242. Absolute maximum ratings ........................................................... 136
Table 243. I2C operating conditions ............................................................. 137
Table 244. AC test measurement conditions ....................................................... 137
Table 245. Input parameters .................................................................. 137
Table 246. I2C DC characteristics (up to 85 °C) ..................................................... 137
Table 247. I2C DC characteristics (up to 125 °C) .................................................... 139
Table 248. I2C AC characteristics (up to 85 °C) ..................................................... 140
Table 249. I2C AC characteristics (up to 125 °C) .................................................... 140
Table 250. GPO DC characteristics up to 85°C ..................................................... 143
Table 251. GPO DC characteristics up to 125°C .................................................... 143
Table 252. GPO AC characteristics ............................................................. 143
Table 253. RF characteristics ................................................................. 144
Table 254. Operating conditions ............................................................... 145
Table 255. SO8N – Mechanical data ............................................................ 147
Table 256. TSSOP8 – Mechanical data .......................................................... 148
Table 257. UFDFN8 - Mechanical data ........................................................... 151
Table 258. UFDFPN12 - Mechanical data ......................................................... 152
Table 259. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale mechanical data ............... 153
Table 260. WLCSP10 recommended PCB design rules ............................................... 154
Table 261. Ordering information scheme.......................................................... 155
Table 262. Device select usage ................................................................ 159
Table 263. Byte Write in user memory when write operation allowed ...................................... 159
Table 264. Polling during programming after byte writing in user memory ................................... 160
Table 265. Byte Write in user memory when write operation is not allowed .................................. 160
Table 266. Byte Write in Dynamic Register (if not Read Only) ........................................... 161
Table 267. Polling during programming after byte write in Dynamic Register ................................. 161
Table 268. Byte Write in Dynamic Register if Read Only ............................................... 161
Table 269. Byte Write in mailbox when mailbox is free from RF message and fast transfer mode is activated .......... 162
Table 270. Byte Write in mailbox when mailbox is not free from RF message fast transfer mode is not activated ........ 162
Table 271. Byte Write in System memory if I2C security session is open and register is not RO .................... 163
ST25DV04K ST25DV16K ST25DV64K
List of tables
DS10925 - Rev 11
page 193/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More