| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 197 page ![]() RF_INTERRUPT: • A pulse is emitted on GPO by Manage GPO command (interrupt). • When RF_INTERRUPT is activated, a pulse of duration IT_TIME is emitted after EOF of ST25DV response to a Manage GPO interrupt command (see Section 7.6.30 Manage GPO). Figure 14. RF_INTERRUPT sequence S O F E O F 3) VCD sends a ManageGPO command (any value) and ST25DV stays quiet (command not for this VICC, or quiet state). GPO/RF_INTERRUPT remains high-Z. ManageGPO command GPO/RF_INTERRUPT (OD) 1) VCD sends a ManageGPO command with value 80h (GPO emit pulse) and ST25DV replies. GPO/RF_INTERRUPT generates a pulse of duration IT_TIME after ST25DV response. t1 GPO/RF_INTERRUPT (OD) S O F E O F ST25DV reply S O F ManageGPO 80h command E O F 2) VCD sends a ManageGPO command (any value) and ST25DV replies with error. GPO/RF_INTERRUPT remains high-Z. GPO/RF_INTERRUPT (OD) S O F ManageGPO command E O F t1 S O F E O F ST25DV reply 4) VCD sends any command other than ManageGPO command and ST25DV replies. GPO/RF_INTERRUPT remains high-Z. GPO/RF_INTERRUPT (OD) S O F Any other command E O F t1/Wt S O F E O F ST25DV reply ST25DV04K ST25DV16K ST25DV64K GPO DS10925 - Rev 11 page 29/197 |