| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 197 page ![]() 5.3.4 EH delivery sequence Figure 20. ST25DVxxx Energy Harvesting Delivery Sequence RF Field(1) Boot No Boot No Boot Boot With EH_MODE=0 : Vcc EH_EN EH_ON V_EH(2) No Boot With EH_MODE=1 : EH_EN EH_ON V_EH(2) Reset EH_EN Set EH_EN Reset EH_EN Set EH_EN Reset EH_EN Set EH_EN Set EH_EN Set EH_EN Set EH_EN Reset EH_EN Reset EH_EN 1. We suppose that the captured RF power is sufficient to trig EH delivery. 2. V_EH = 1 means some µW are available on V_EH pin. V_EH = 0 means V_EH pin is in high-Z. ST25DV04K ST25DV16K ST25DV64K Energy harvesting (EH) DS10925 - Rev 11 page 42/197 |