| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 197 page ![]() RF_GET_MSG: • A pulse is emitted on GPO when RF has successfully read a message, up to its last byte, in fast transfer mode mailbox. • When RF_GET_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at completion of valid Read Message or Fast Read Message commands (after EOF of ST25DV response), and end of message has been reached. Figure 17. RF_GET_MSG sequence 2) VCD sends a Read Message or Fast Read Message command and ST25DV replies with error. GPO/RF_GET_MSG remains high-Z. S O F E O F 3) VCD sends Read Message or Fast Read Message command and ST25DV stays quiet (command not for this VICC, or quiet state). GPO/RF_GET_MSG stays high-Z. Read Msg Command GPO/RF_GET_MSG (OD) GPO/RF_GET_MSG (OD) S O F Read Msg command E O F 1) VCD sends a Read Message or Fast Read Message command and ST25DV replies with no error. GPO/RF_GET_MSG generates a pulse during IT_TIME after ST25DV response. t1 GPO/RF_GET_MSG (OD) S O F E O F ST25DV reply S O F Read Msg command E O F t1 S O F E O F ST25DV reply 4) VCD sends any other command than Read Message or Fast Read Message commands and ST25DV replies. GPO/RF_GET_MSG remains high-Z. GPO/RF_GET_MSG (OD) S O F Any other command E O F t1 S O F E O F ST25DV reply ST25DV04K ST25DV16K ST25DV64K GPO DS10925 - Rev 11 page 32/197 |