データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE2004DIE2 データシート(PDF) 53 Page - STMicroelectronics

部品番号 STE2004DIE2
部品情報  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 データシート(HTML) 53 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 49Page - STMicroelectronics STE2004DIE2 Datasheet HTML 50Page - STMicroelectronics STE2004DIE2 Datasheet HTML 51Page - STMicroelectronics STE2004DIE2 Datasheet HTML 52Page - STMicroelectronics STE2004DIE2 Datasheet HTML 53Page - STMicroelectronics STE2004DIE2 Datasheet HTML 54Page - STMicroelectronics STE2004DIE2 Datasheet HTML 55Page - STMicroelectronics STE2004DIE2 Datasheet HTML 56Page - STMicroelectronics STE2004DIE2 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
53/66
STE2004
Figure 69. Initialization with built-in Booster
SETUP NORMAL DISPLAY MODE CONFIGURATION
SET Driver in Power Down(PD=1)
SET Driver in Normal Display Mode (PE=0)
END OF NORMAL DISPLAY MODE CONFIG.
SET Operative Voltage for Normal Display Operation
( Vop[6:0] - PRS[1;0])
Switch "ON" Booster and Display Control Logic
(PD=0)
LR0218
SET Bias Raio for Normal Display Operation
(BS[2:0])
SET Temperature Compensation for
Normal Display Operation (T[2:0] or TC[1:0])
SET Multiplexing Rate
M[1:0)
SET Charge Pump for
Normal Display Operation (CP[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66