| データシートサーチシステム |
|
STE2004DIE2 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 66 page ![]() 23/66 STE2004 Figure 27. Memory Rows vs. Row Drivers Mapping ICON_MODE=0, Y-Carriage<=4 and MUX 33 D5 D4 D7 D6 D1 D0 D3 D2 D5 D4 D7 D6 D1 D0 D3 D2 0 0 0 0 0 0 0 1 D5 D4 D7 D6 D1 D0 D3 D2 D5 D4 D7 D6 D1 D0 D3 D2 0 0 1 0 0 0 1 1 D5 D4 D7 D6 D1 D0 D3 D2 D5 D4 D7 D6 D1 D0 D3 D2 0 1 1 0 0 1 1 1 Page 0 Page 1 Page 2 Page 3 Page 6 Page 7 X address 00H 01H 02H 06H 03H 04H 05H 5FH 60H 61H 65H 62H 63H 64H 00H Y Address D3 D a t a D2 D1 D0 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 R32 R33 R34 R35 R36 R37 R38 R39 R40 R41 R42 R43 R44 R45 R46 R47 R48 R47 R46 R45 R44 R43 R42 R41 R40 R39 R38 R37 R36 R35 R34 R33 R32 Normal direction Reverse direction ROW Output C O L 0 101 1 2 3 4 5 6 100 99 98 97 96 95 COL Output Normal Direction Reverse Direction Line Address Scrolling Pointer D5 D4 D7 D6 D1 D0 D3 D2 0 1 0 0 Page 4 20H 21H 22H 23H 24H 25H 26H 27H D5 D4 D7 D6 D1 D0 D3 D2 0 1 0 1 Page 5 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH Page 8 1 0 0 0 D0 R48 R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 Y-CARRIAGE C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L 0 101 1 2 3 4 5 6 100 99 98 97 96 95 C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L C O L LR0272 |