データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE2004DIE2 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STE2004DIE2
部品情報  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 データシート(HTML) 7 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 3Page - STMicroelectronics STE2004DIE2 Datasheet HTML 4Page - STMicroelectronics STE2004DIE2 Datasheet HTML 5Page - STMicroelectronics STE2004DIE2 Datasheet HTML 6Page - STMicroelectronics STE2004DIE2 Datasheet HTML 7Page - STMicroelectronics STE2004DIE2 Datasheet HTML 8Page - STMicroelectronics STE2004DIE2 Datasheet HTML 9Page - STMicroelectronics STE2004DIE2 Datasheet HTML 10Page - STMicroelectronics STE2004DIE2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7/66
STE2004
Figure 4. Master Slave Logic Connection with frame Synchronization
Figure 5. Master Slave Logic Connection without frame Synchronization
3.5 Bias Levels
To properly drive the LCD, six (Including VLCD and VSS) different voltage (Bias) levels are generated.
The ratios among these levels and VLCD, should be selected according to the MUX ratio (m). They are
established to be (Fig. 6):
Figure 6. Bias level Generator
thus providing an 1/(n+4) ratio, with n calculated from:
For m = 65, n = 5 and an 1/9 ratio is set.
For m = 49, n =4 and an 1/8 ratio is set.
The STE2004 provides three bits (BS0, BS1, BS2) for programming the desired Bias Ratio as shown below:
OSCOUT
LR0219
STE2004
VDD1AUX
STE2004
FROUT
OSCIN
FRIN
OSCIN FRIN
OSCOUT
FROUT
OSCOUT
LR0220
STE2004
VDD1AUX
STE2004
FROUT
OSCIN FRIN
OSCOUT
FROUT
VDD1AUX
OSCIN
FRIN
V
LCD
n3
+
n4
+
------------- V
LCD ,
n2
+
n4
+
------------- V
LCD ,
2
n4
+
------------- V
LCD ,
1
n4
+
------------- V
LCD ,VSS
,
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
n + 3
n + 4
R
nR
R
R
n + 2
n + 4
2
n + 4
1
n + 4
D00IN1150
nm
3
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66