| データシートサーチシステム |
|
ST72334J2T3 データシート(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72334J2T3 データシート(HTML) 122 Page - STMicroelectronics |
|
122 / 125 page ![]() ST72334J/N, ST72314J/N, ST72124J 122/125 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d) 9.2.2 Transfer Of Customer Code Customer code is made up of the ROM contents and the list of the selected options (if any). The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file in .S19 format generated by the development tool. All un- used bytes must be set to FFh. The selected options are communicated to STMi- croelectronics using the correctly completed OP- TION LIST appended. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Figure 73. ROM Factory Coded Device Types Figure 74. FLASH User Programmable Device Types DEVICE PACKAGE TEMP. RANGE XXX / Code name (defined by STMicroelectronics) 1 = standard 0 to +70 °C 6 = industrial -40 to +85 °C 7 = automotive -40 to +125 °C 3 = automotive -40 to +125 °C B = Plastic DIP T = Plastic TQFP ST72334J2, ST72334J4, ST72334N2, ST72334N4, ST72314J2, ST72314J4, ST72314N2, ST72314N4, ST72124J2 DEVICE PACKAGE TEMP. RANGE Code name (defined by STMicroelectronics) 1 = standard 0 to +70 °C 6 = industrial -40 to +85 °C 7 = automotive -40 to +125 °C 3 = automotive -40 to +125 °C B = Plastic DIP T = Plastic TQFP ST72C334J2, ST72C334J4, ST72C334N2, ST72C334N4, ST72C314J2, ST72C314J4, ST72C314N2, ST72C314N4, ST72C124J2 XXX |