データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72334J2T3 データシート(PDF) 29 Page - STMicroelectronics

部品番号 ST72334J2T3
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T3 データシート(HTML) 29 Page - STMicroelectronics

Back Button ST72334J2T3 Datasheet HTML 25Page - STMicroelectronics ST72334J2T3 Datasheet HTML 26Page - STMicroelectronics ST72334J2T3 Datasheet HTML 27Page - STMicroelectronics ST72334J2T3 Datasheet HTML 28Page - STMicroelectronics ST72334J2T3 Datasheet HTML 29Page - STMicroelectronics ST72334J2T3 Datasheet HTML 30Page - STMicroelectronics ST72334J2T3 Datasheet HTML 31Page - STMicroelectronics ST72334J2T3 Datasheet HTML 32Page - STMicroelectronics ST72334J2T3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
29/125
RESET SEQUENCE MANAGER (Cont’d)
Internal Watchdog RESET
The RESET sequence generated by a internal
Watchdog counter overflow is shown in Figure 18.
Starting from the Watchdog counter underflow, the
device RESET pin acts as an output that is pulled
low during at least tDELAYmin.
Figure 18. Watchdog RESET Sequence
RESET
RUN
DELAY
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
RUN
RESET PIN
EXTERNAL RESET SOURCE
VDD
VLVDf
VDDnominal
WATCHDOG RESET
WATCHDOG UNDERFLOW
tDELAYmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More