データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC705P6AGRS/D データシート(PDF) 131 Page - NXP Semiconductors

部品番号 HC705P6AGRS/D
部品情報  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D データシート(HTML) 131 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 127Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 129Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 130Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 131Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 134Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
Ordering Information
General Release Specification — MC68HC705P6A
Section 16. Ordering Information
16.1 Contents
16.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
16.3
MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
16.2 Introduction
This section contains ordering information for the available package
types.
16.3 MC Order Numbers
The following table shows the MC order numbers for the available
package types.
MC Order Number
Operating
Temperature Range
MC68HC705P6ACP (Extended)
–40
°C to 85 °C
MC68HC705P6ACDW (Extended)
–40
°C to 85 °C
NOTE:
P = Plastic Dual In-Line Package
DW = Small Outline Integrated Circuit (SOIC) Package
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More