| データシートサーチシステム |
|
HC705P6AGRS/D データシート(PDF) 77 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D データシート(HTML) 77 Page - NXP Semiconductors |
|
77 / 134 page ![]() MC68HC705P6A — Rev. 1.0 General Release Specification Analog Subsystem General Release Specification — MC68HC705P6A Section 9. Analog Subsystem 9.1 Contents 9.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77 9.3 Analog Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .78 9.3.1 Ratiometric Conversion . . . . . . . . . . . . . . . . . . . . . . . . . . . .78 9.3.2 Reference Voltage (VREFH) . . . . . . . . . . . . . . . . . . . . . . . . .78 9.3.3 Accuracy and Precision. . . . . . . . . . . . . . . . . . . . . . . . . . . .78 9.4 Conversion Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .78 9.5 Digital Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79 9.5.1 Conversion Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79 9.5.2 Internal versus External Oscillator. . . . . . . . . . . . . . . . . . . .79 9.5.3 Multi-Channel Operation . . . . . . . . . . . . . . . . . . . . . . . . . . .79 9.6 A/D Status and Control Register (ADSC) . . . . . . . . . . . . . . . . .80 9.7 A/D Conversion Data Register (ADC). . . . . . . . . . . . . . . . . . . .82 9.8 A/D Subsystem Operation during Halt/Wait Modes . . . . . . . . .82 9.9 A/D Subsystem Operation during Stop Mode. . . . . . . . . . . . . .82 9.2 Introduction The MC68HC705P6A includes a 4-channel, multiplexed input, 8-bit, successive approximation A/D converter. The A/D subsystem shares its inputs with port C pins PC3–PC7. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |