| データシートサーチシステム |
|
HC705P6AGRS/D データシート(PDF) 83 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D データシート(HTML) 83 Page - NXP Semiconductors |
|
83 / 134 page ![]() MC68HC705P6A — Rev. 1.0 General Release Specification EPROM General Release Specification — MC68HC705P6A Section 10. EPROM 10.1 Contents 10.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83 10.3 EPROM Erasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .84 10.4 EPROM Programming Sequence. . . . . . . . . . . . . . . . . . . . . . .84 10.5 EPROM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .84 10.6 EPROM Programming Register (EPROG) . . . . . . . . . . . . . . . .84 10.7 EPROM Bootloader . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .87 10.8 Programming from an External Memory Device. . . . . . . . . . . .87 10.2 Introduction The user EPROM consists of 48 bytes of user page zero EPROM from $0020 to $004F, 4608 bytes of user EPROM from $0100 to $12FF, the two MOR reset values located at $1EFF and $1F00, and 16 bytes of user vectors EPROM from $1FF0 to $1FFF. The bootloader ROM and vectors are located from $1F01 to $1FEF. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |