データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC705P6AGRS/D データシート(PDF) 105 Page - NXP Semiconductors

部品番号 HC705P6AGRS/D
部品情報  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D データシート(HTML) 105 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 108Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
General Release Specification
Instruction Types
MC68HC705P6A — Rev. 1.0
General Release Specification
Instruction Set
13.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
13.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More