| データシートサーチシステム |
|
HC705P6AGRS/D データシート(PDF) 121 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D データシート(HTML) 121 Page - NXP Semiconductors |
|
121 / 134 page ![]() General Release Specification Operating Temperature Range MC68HC705P6A — Rev. 1.0 General Release Specification Electrical Specifications 14.4 Operating Temperature Range 14.5 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range MC68HC705P6A (Standard) MC68HC705P6AC (Extended) TA TL to TH 0 to +70 –40 to +85 °C Characteristic Symbol Value Unit Thermal Resistance PDIP SOIC θ JA 60 60 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |