| データシートサーチシステム |
|
STM32U595QJ データシート(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ データシート(HTML) 154 Page - STMicroelectronics |
|
154 / 377 page ![]() - - - - - - -- D1 - --- - PJ3 I/O FT_hv - USART6_TX, EVENTOUT - - - - - - - -- E3 - --- - PJ4 I/O FT_hv - USART6_RX, EVENTOUT - - - - - M12 V2 B11 - R1 - - - - B11 VSS S - - - - - - - - - - -- F3 - --- - PJ5 I/O FT_hv - USART6_RTS_DE, EVENTOUT - - - - - - - -- E2 - --- - PJ6 I/O FT_hv - USART6_CK, EVENTOUT - - - - - - - -- E1 - --- - PJ7 I/O FT_hv - USART6_CTS, EVENTOUT - - - - - - - -- F2 - --- - PJ8 I/O FT_hv - I2C6_SMBA, EVENTOUT - - - - - - - -- H4 - --- - PJ9 I/O FT_fhv - I2C6_SDA, EVENTOUT - - - - - - - -- F1 - --- - PJ10 I/O FT_fhv - I2C6_SCL, EVENTOUT - - - - - - - -- G3 - --- - PJ11 I/O FT_hv - EVENTOUT - - - - - - - -- R15 - --- M7 VSS S - - - - - - -- A3 - - -- -- - - N7 VDD S - - - - 1. Function availability depends on the chosen device. Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |