| データシートサーチシステム |
|
SAM9X60 データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAM9X60 データシート(HTML) 30 Page - Microchip Technology |
|
30 / 40 page ![]() 9.2 196-Ball TFBGA © 2019 Microchip Technology Incorporated B A 0.15 C 0.15 C 0.15 C A B 0.08 C C SEATING PLANE 2X TOP VIEW SIDE VIEW BOTTOM VIEW 0.20 C 0.08 C Microchip Technology Drawing C04-21507 Rev A Sheet 1 of 2 2X 196X For the most current package drawings, please see the Microchip Packaging Specification located at Note: http://www.microchip.com/packaging 196-Lead Thin Fine Pitch Ball Grid Array (4GB) - 11x11x1.2 mm Body [TFBGA] D E NOTE 1 D1 E1 e e 2 196X Øb NOTE 1 A B C D E F G H J K L M N P R T 1 357 9 11 13 15 246 8 10 12 14 16 A A1 (S) (M) A B C D E F G H J K L M N P R T 1 357 9 11 13 15 246 8 10 12 14 16 SAM9X60 SIP Mechanical Characteristics © 2021 Microchip Technology Inc. and its subsidiaries Datasheet DS60001580C-page 30 |