データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAM9X60 データシート(PDF) 14 Page - Microchip Technology

部品番号 SAM9X60
部品情報  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 データシート(HTML) 14 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 10Page - Microchip Technology SAM9X60 Datasheet HTML 11Page - Microchip Technology SAM9X60 Datasheet HTML 12Page - Microchip Technology SAM9X60 Datasheet HTML 13Page - Microchip Technology SAM9X60 Datasheet HTML 14Page - Microchip Technology SAM9X60 Datasheet HTML 15Page - Microchip Technology SAM9X60 Datasheet HTML 16Page - Microchip Technology SAM9X60 Datasheet HTML 17Page - Microchip Technology SAM9X60 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
J1
G4
VDDIOP0
GPIO
PA12
I/O
–
–
A
FLEXCOM4_IO0
I/O
PIO, I, PU, ST
B
SDMMC1_CMD
I/O
H4
G1
VDDIOP0
GPIO
PA13
I/O
–
–
A
FLEXCOM4_IO2
I/O
PIO, I, PU, ST
B
SDMMC1_CK
I/O
H1
G2
VDDIOP0
GPIO
PA14
I/O
–
–
A
FLEXCOM4_IO3
I/O
PIO, I, PU, ST
K2
K1
VDDIOP0
GPIO
PA15
I/O
–
–
A
SDMMC0_DAT0
I/O
PIO, I, PU, ST
G2
J2
VDDIOP0
GPIO
PA16
I/O
–
–
A
SDMMC0_CMD
I/O
PIO, I, PU, ST
K3
H4
VDDIOP0
GPIO
PA17
I/O
–
–
A
SDMMC0_CK
I/O
PIO, I, PU, ST
G1
H3
VDDIOP0
GPIO
PA18
I/O
–
–
A
SDMMC0_DAT1
I/O
PIO, I, PU, ST
M3
J1
VDDIOP0
GPIO
PA19
I/O
–
–
A
SDMMC0_DAT2
I/O
PIO, I, PU, ST
F2
J4
VDDIOP0
GPIO
PA20
I/O
–
–
A
SDMMC0_DAT3
I/O
PIO, I, PU, ST
C1
B11
VDDIOP0
GPIO
PA21
I/O
–
–
A
TIOA0
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO1
I/O
E1
A10
VDDIOP0
GPIO
PA22
I/O
–
–
A
TIOA1
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO0
I/O
H3
C11
VDDIOP0
GPIO
PA23
I/O
–
–
A
TIOA2
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO2
I/O
D3
B10
VDDIOP0
GPIO
PA24
I/O
–
–
A
TCLK0
I
PIO, I, PU, ST
B
TK
I/O
C
CLASSD_L0
O
F1
A9
VDDIOP0
GPIO
PA25
I/O
–
–
A
TCLK1
I
PIO, I, PU, ST
B
TF
I/O
C
CLASSD_L1
O
H5
D10
VDDIOP0
GPIO
PA26
I/O
–
–
A
TCLK2
I
PIO, I, PU, ST
B
TD
O
C
CLASSD_L2
O
E2
D12
VDDIOP0
GPIO
PA27
I/O
–
–
A
TIOB0
I/O
PIO, I, PU, ST
B
RD
I
C
CLASSD_L3
O
D1
A11
VDDIOP0
GPIO
PA28
I/O
WKUP4
–
A
TIOB1
I/O
PIO, I, PU, ST
B
RK
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40