データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAM9X60 データシート(PDF) 35 Page - Microchip Technology

部品番号 SAM9X60
部品情報  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 データシート(HTML) 35 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 31Page - Microchip Technology SAM9X60 Datasheet HTML 32Page - Microchip Technology SAM9X60 Datasheet HTML 33Page - Microchip Technology SAM9X60 Datasheet HTML 34Page - Microchip Technology SAM9X60 Datasheet HTML 35Page - Microchip Technology SAM9X60 Datasheet HTML 36Page - Microchip Technology SAM9X60 Datasheet HTML 37Page - Microchip Technology SAM9X60 Datasheet HTML 38Page - Microchip Technology SAM9X60 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
11.
Revision History
11.1
DS60001580C - 09/2021
Section
Changes
Chip Identifier
Updated table SAM9X60 SIP Chip ID Registers with additional chip ID value
(0x819B35A2)
11.2
DS60001580B - 02/2020
Section
Changes
Reference Documents
Corrected hyperlink to SAM9X60 data sheet
DDR2-SDRAM Features
Added memory part numbers
SDR-SDRAM Features
Added memory part number
Updated Burst Length feature
Block Diagram
Updated SAM9X60 SIP Series Block Diagram
11.3
DS60001580A - 10/2019
Changes
First issue.
SAM9X60 SIP
Revision History
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40