| データシートサーチシステム |
|
SL2ICS53 データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS53 データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 22 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 8.1.3.13 Set EAS Command Code = A2h This command enables the EAS mode if the EAS mode is not locked. If the EAS mode is password protected the EAS password has to be transmitted before with the Set Password command. Table 46. Request format SOF Flags Set EAS IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 47. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 48. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 8.1.3.14 Reset EAS Command Code = A3h This command disables the EAS mode if the EAS mode is not locked. If the EAS mode is password protected the EAS password has to be transmitted before with the Set Password command. Table 49. Request format SOF Flags Reset EAS IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 50. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 51. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |