データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2ICS53 データシート(PDF) 25 Page - NXP Semiconductors

部品番号 SL2ICS53
部品情報  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS53 データシート(HTML) 25 Page - NXP Semiconductors

Back Button SL2ICS53 Datasheet HTML 21Page - NXP Semiconductors SL2ICS53 Datasheet HTML 22Page - NXP Semiconductors SL2ICS53 Datasheet HTML 23Page - NXP Semiconductors SL2ICS53 Datasheet HTML 24Page - NXP Semiconductors SL2ICS53 Datasheet HTML 25Page - NXP Semiconductors SL2ICS53 Datasheet HTML 26Page - NXP Semiconductors SL2ICS53 Datasheet HTML 27Page - NXP Semiconductors SL2ICS53 Datasheet HTML 28Page - NXP Semiconductors SL2ICS53 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
25 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.18 Write EAS ID
Command Code = A7h
With the command Write EAS ID a new EAS Identifier is stored in the corresponding
configuration memory. If EAS is password protected (for Set and Reset EAS) the EAS
password has to be transmitted before with the Set Password command.
Table 61.
Request format
SOF
Flags
Write
EAS
IC Mfg code
UID
EAS ID
value
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
optional
16 bits
16 bits
8 bits
Table 62.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 63.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits
8.1.3.19 Read EPC
Command Code = A8h
On the command Read EPC the I•CODE SLI-S/I•CODE SLI-S HC ICs will respond with
the EPC Data, if a Destroy EPC command had not been executed before.
Table 64.
Request format
SOF
Flags
Read EPC
IC Mfg code
UID
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
optional
16 bits
8 bits
Table 65.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 66.
Response format when Error_flag is NOT set
SOF
Flags
EPC
CRC16
EOF
8 bits
96 bits, MSB first
16 bits
8.2 EPC command set
8.2.1 Begin round
As defined in EPC Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF)
Identification Tag Interface Specification”.
8.2.2 Write block
As defined in EPC Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF)
Identification Tag Interface Specification”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33