| データシートサーチシステム |
|
SL2ICS53 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS53 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 4 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 3. Applications Supply Chain Management Asset Management Container Identification Pallet & Case Tracking 4. Quick reference data The data sheet describes the functionality of the smart label ICs I•CODE SLI-S and I•CODE SLI-S HC. These ICs distinguish between the built in resonance capacitance. The I•CODE SLI-S HC shows a higher capacitance value than the I•CODE SLI-S. Therefore with the I•CODE SLI-S HC smaller label designs can be realized. Table 1: Quick reference data Symbol Description Min Typ[1] Max Unit SL2 ICS53 I•CODE SLI-S 23.5 pF SL2 ICS54 I•CODE SLI-S HC 97.0 pf [1] Typical values are not guaranteed. These values listed are at room temperature. 5. Ordering information Table 2: Ordering information Type number Package Name Description Version SL2 ICS5301EW/V7 FFC sawn wafer 150 µm on film frame carrier - SL2 FCS5301EV/DH FCP Flip Chip Package - SL2 MOS5301EV MOA2 Module for contactless chip card ICs PLMCC-05 SOT500AA1 SL2 ICS5401EW/V7 FFC sawn wafer 150 µm on film frame carrier - SL2 FCS5401EV/DH FCP Flip Chip Package - SL2 MOS5401EV MOA2 Module for contactless chip card ICs PLMCC-05 SOT500AA1 |