| データシートサーチシステム |
|
BLUENRG-332VC データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 67 page ![]() Revision history Table 49. Document revision history Date Version Changes 09-Dec-2021 1 Initial release. 13-Apr-2022 2 Updated Table 9. Voltage characteristics, Table 38. ADC characteristics (HSI must be set to PLL mode) and Table 24. Embedded reset and power control block characteristics. 02-Mar-2023 3 Added reference to integrated passive device (IPD) in Features section. In description section, mentioned that the 7 Kbyte ROM is an ST reserved area. Added Section 2.5.2 IPDs for BlueNRG-LPS. Updated Section 7.1 VFQFPN32 package information and Figure 18. VFQFPN32 - Outline. 24-Mar-2023 4 Corrected Section 7.2 WLCSP36 package information (01C1). Added reference to ANTENNA_ID[2] for PB2 pin in Table 4. Pin descriptions. Updated Table 17. Bluetooth Low Energy RF transmitter characteristics at 1 Mbps not coded. Updated Table 18. Bluetooth Low Energy RF transmitter characteristics at 2 Mbps not coded. Updated Table 19. Bluetooth Low Energy RF transmitter characteristics at 1 Mbps LE coded (S=8). BlueNRG-LPS DS13819 - Rev 4 page 61/67 |