| データシートサーチシステム |
|
BLUENRG-332VC データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 67 page ![]() Figure 6. Clock tree It is possible to output some internal clocks on external pads: • The low speed clocks can be output on the LCO I/O • The high speed clocks can be output on the MCO I/O This is possible by programming the associated I/O in the correct alternate function. Most of the peripherals only use the system clock except: • I2C, USART: they use an always 16 MHz clock to have a fixed reference clock for baud rate management. The goal is to allow the CPU to boost or slow down the system clock (depending on on-going activities) without impacting a potential on-going serial interface transfer on external I/Os • LPUART: always uses a 16 MHz clock or LSE to have a fixed reference clock for baud rate management. The goal is to allow the CPU to boost or slow down the system clock (depending on on-going activities) without impacting a potential on-going serial interface transfer on external I/Os. BlueNRG-LPS Clock management DS13819 - Rev 4 page 16/67 |