| データシートサーチシステム |
|
BLUENRG-332VC データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 67 page ![]() 4 Memory mapping Program memory, data memory and registers are organized within the same linear 4-Gbyte address space. Figure 9. Memory map SRAM0 (12 Kbytes) 0x4000 0000 APB0 APB1 AHB0 0x4100 0000 0x4800 0000 Peripherals 0xFFFF FFFF SRAM 0x2000 0000 0x1004 0000 0x1006 FFFF 0x2000 3000 0x6000 0000 APB2 (RF) 0x8FFF FFFF CODE 0x4000 0000 0xE000 0000 0x2000 0000 0x0000 0000 0x2000 6000 Main flash (192 Kbytes) 0x8FFF FFFF Reserved (error) Reserved Cortex-M0+, flash or SRAM0, depending on REMAP configuration Reserved (error) 0x1000 0000 0x0000 0000 0x0000 3FFF 0xE00F FFFF Reserved Reserved (error) Reserved (error) Reserved 0x1006 FFFF SRAM1 (12 Kbytes) 0x2FFF FFFF Reserved (error) Reserved (error) Reserved Reserved (error) 0x4002 0000 0x4102 0000 0x6002 0000 Reserved (error) 0x2FFF FFFF Cortex M0+ internal peripherals 0x4890 0000 BlueNRG-LPS Memory mapping DS13819 - Rev 4 page 28/67 |