データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P9222-R データシート(PDF) 51 Page - Renesas Technology Corp

部品番号 P9222-R
部品情報  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R データシート(HTML) 51 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp P9222-R Datasheet HTML 52Page - Renesas Technology Corp P9222-R Datasheet HTML 53Page - Renesas Technology Corp P9222-R Datasheet HTML 54Page - Renesas Technology Corp P9222-R Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
51
May 5, 2022
Table 36. ADC Result Register (0xD6, 16-bit, GP1 in Default Config)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0xD6 [15:0]
AdcResult[1]
R
0
Configurable for GPIO, Temperature, Vout, Iout, or Vrect. By default it is configured
to GP1. The value is always in ADC counts and therefore must be converted to the
desired units.
For GPIOs the conversion is:
AdcResult[1] * 2100 / 4096 = Voltage on GP1 in mV
Table 37. ADC Result Register (0xD8, 16-bit, GP2 in Default Config)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0xD8 [15:0]
AdcResult[2]
R
0
Configurable for GPIO, Temperature, Vout, Iout, or Vrect. The value is always in
ADC counts and therefore must be converted to the desired units.
For GPIOs the conversion is:
AdcResult[2] * 2100 / 4096 = Voltage on GP2 in mV
Table 38. ADC Result Register (0xDA, 16-bit, Die Temperature in Default Config)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0xDA [15:0]
AdcResult[3]
R
0
Configurable for GPIO, Temperature, Vout, Iout, or Vrect. The value is always in
ADC counts and therefore must be converted to the desired units.
For the conversion is:
AdcResult[3] * ( 2.1*200 / 4096 ) - 280 = Temperature in degC
Table 39. External Thermistor Voltage on GP0 (0xB0, 16-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0xB0 [15:12]
Reserved
R
0
Reserved
0xB0 [11:0]
ExtTemp
R
0xFFF
12-bit raw data of the thermistor ADC reading on GP0 pin.
Table 40. VRECT Target Register (0x90, 16-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0x90 [15:0]
VrectTarget
R
0x4F3
Current value of VrectTarget in ADC codes. The ADC code to Voltage conversion
formula is:
Vrect(V) = Vrect(adc code) * 21(V) / 4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58