データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P9222-R データシート(PDF) 15 Page - Renesas Technology Corp

部品番号 P9222-R
部品情報  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R データシート(HTML) 15 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp P9222-R Datasheet HTML 15Page - Renesas Technology Corp P9222-R Datasheet HTML 16Page - Renesas Technology Corp P9222-R Datasheet HTML 17Page - Renesas Technology Corp P9222-R Datasheet HTML 18Page - Renesas Technology Corp P9222-R Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
15
May 5, 2022
3. Description of the Wireless Power Charging System
A wireless power charging system has a base station with one or more transmitter coils that make power available via DC-to-AC inverter(s) and
transmit the power over a strongly-coupled inductor pair (magnetic induction), or over a loosely-coupled inductor pair (magnetic resonance) to
a receiver in a mobile device. A WPC (see Figure 4) uses near-field magnetic induction between coils and can be a free-positioning or
magnetically-guided type of system.
In WPC Inductive systems, the amount of power transferred to the mobile device is controlled by the receiver. The receiver sends communication
packets to the transmitter to increase power, decrease power, or maintain the power level. The bit rate for the Rx-to-Tx communication link is
2kbps for WPC receivers. It is modulated on top of the power link that exists.
Figure 4. Block Diagram of WPC Compliant Wireless Power Transfer System
Messages
Base Station
Transmitter
Transmitter
Mobile Device
Receiver
Transmitter
Power
Power Conversion
Control
Control
Comm
Comm
Reflected Load
Mod
DeMod
Power Pick-up
Note: For the more current information, see the WPC Specification at http://www.wirelesspowerconsortium.com/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58