| データシートサーチシステム |
|
P9222-R データシート(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
P9222-R データシート(HTML) 24 Page - Renesas Technology Corp |
|
24 / 58 page ![]() P9222-R/RN Datasheet © 2019-2022 Renesas Electronics Corporation 24 May 5, 2022 Figure 19. State Diagram for User Data Transmission from the P9222-R/RN to the P9235-RB Is the P9222 in the power transfer phase (bit 0 of register 0x4C = 1)? Yes Yes Is the communication channel free (bit 0 of register 0x4E = 0)? Load the header register (0x51) and outgoing user data registers (0x51 to 0x57)? Set bit 0 of register 0x4E to 1 to trigger the communication The P9222-R will reset bit 0 of register 0x4E to 0 after sending the data into the channel If the receiver is sending 1 byte, 2 bytes, and 3 bytes in the outgoing register, then we would set the header register to 0x18, 0x28, and 0x38 respectively. |