データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CEM9935A データシート(PDF) 1 Page - CET-MOS Technology Corp.

部品番号 CEM9935A
部品情報  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CET-MOS [CET-MOS Technology Corp.]
ホームページ  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEM9935A データシート(HTML) 1 Page - CET-MOS Technology Corp.

  CEM9935A Datasheet HTML 1Page - CET-MOS Technology Corp. CEM9935A Datasheet HTML 2Page - CET-MOS Technology Corp. CEM9935A Datasheet HTML 3Page - CET-MOS Technology Corp. CEM9935A Datasheet HTML 4Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9935A
FEATURES
20V, 6.0A, RDS(ON) = 36mΩ @VGS = 10V.
RDS(ON) = 42mΩ @VGS = 4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
20
2.0
24
6.0
±12
V
W
A
A
V
5 - 233
SO-8
1
D1
D1
D2
D2
S1
G1
S2
G2
8
7
6
5
1
2
3
4
RDS(ON) = 75mΩ @VGS = 2.5V.
Lead free product is acquired.
2003.July
http://www.cet-mos.com
5
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
62.5
RθJA


同様の部品番号 - CEM9935A

メーカー部品番号データシート部品情報
logo
Chino-Excel Technology
CEM9935A CET-CEM9935A Datasheet
108Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results

同様の説明 - CEM9935A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com