データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP56600FM/AD データシート(PDF) 10 Page - NXP Semiconductors

部品番号 DSP56600FM/AD
部品情報  INTEGRATED CELLULAR BASEBAND PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD データシート(HTML) 10 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 6Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 7Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 8Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 9Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 10Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 11Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 12Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Preliminary
1-4
DSP56652 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56652 Pin Description
Table 1-1
DSP56652 PBGA Signal Identification by Pin Number
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
A1
Not Connected (NC),
reserved
B12
PSTAT2
D9
SC1B
A2
A20
B13
PSTAT1
D10
SC2A
A3
TOUT0
B14
GNDK
D11
VCCE
A4
TOUT3
C1
VCCA
D12
SIZ0
A5
TOUT6
C2
A17
D13
MUX_CTL
A6
SPICS4
C3
A19
D14
CTS
A7
GNDH
C4
TOUT1
E1
A8
A8
VCCHQ
C5
TOUT5
E2
A12
A9
DSP_IRQ
C6
VCCH
E3
A11
A10
SRDB
C7
GNDQ
E4
A10
A11
GNDE
C8
SCKB
E5
GND
A12
SRDA
C9
STDB
E6
SPICS2
A13
STDA
C10
SC1A
E7
SPICS0
A14
NC
C11
PSTAT3
E8
NC
B1
GNDA
C12
VCCK
E9
SC0B
B2
A18
C13
PSTAT0
E10
GND
B3
A21
C14
SIZ1
E11
RTS
B4
TOUT2
D1
A13
E12
RxD
B5
TOUT7
D2
A15
E13
TEST
B6
SPICS1
D3
A16
E14
TxD
B7
VCCQ
D4
A14
F1
VCCA
B8
MOSI
D5
TOUT4
F2
A7
B9
SC2B
D6
SPICS3
F3
A9
B10
SC0A
D7
SCK
F4
A6
B11
SCKA
D8
MISO
F5
A5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76