| データシートサーチシステム |
|
DSP56600FM/AD データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 76 page ![]() DSP56652 DSP56652 Pin Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-5 F6 GND H3 A1 J14 ROW3 F7 GND H4 EB0 K1 CKO F8 GND H5 CKIL K2 VCCF F9 GND H6 GND K3 OE F10 TDO H7 GND K4 R/W F11 TCK H8 GND K5 GND F12 DSP_DE H9 GND K6 D12 F13 TDI H10 GNDG K7 PWR_EN F14 TRST H11 VCCG K8 GNDB G1 A0 H12 VCCQ K9 VCCP G2 GNDA H13 ROW4 K10 GND G3 A4 H14 ROW5 K11 INT6 G4 A3 J1 GNDF K12 INT5 G5 A2 J2 VCCQ K13 INT4 G6 GND J3 VCCHQ K14 ROW0 G7 GND J4 CKOH L1 CS0 G8 GND J5 GNDQ L2 CS1 G9 GND J6 GND L3 VCCC G10 MCU_DE J7 GND L4 D5 G11 ROW7 J8 GND L5 GNDD G12 VCCHQ J9 GND L6 D11 G13 ROW6 J10 GNDQ L7 SIMCLK G14 TMS J11 ROW2 L8 VCCB H1 CKIH J12 INT7 L9 PCAP H2 EB1 J13 ROW1 L10 RESET_IN Table 1-1 DSP56652 PBGA Signal Identification by Pin Number (Continued) Pin No. Signal Name Pin No. Signal Name Pin No. Signal Name Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |