| データシートサーチシステム |
|
HC705E5GRS/D データシート(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D データシート(HTML) 19 Page - NXP Semiconductors |
|
19 / 148 page ![]() General Description Features MC68HC705E5 — Rev. 1.0 General Release Specification General Description Figure 1-1. Block Diagram ÷ 2 ACCUMULATOR INDEX REGISTER STACK POINTER PROGRAM COUNTER CONDITION CODE REGISTER OSC1 OSC2 OSCILLATOR CLOCK SELECT TPLL OSCOUT RESET IRQ/VPP COP CPU M68HC05 CPU ALU PC0 PC1 PC2 PC3 V DD V SS CPU REGISTERS CONTROL PB0 PB1 PB2 PB3/TIPL PB4/SCK PB5/SDI/SDO PB6/SDA PB7/SCL PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 VDDSYN XFC PLL SYNTHESIS TIMER SRAM — 384 BYTES EPROM — 4608 BYTES BOOT ROM — 240 BYTES CUSTOM PERIODIC INTERRUPT SYSTEM SYSTEM SSI SYSTEM I2C SYSTEM Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |