| データシートサーチシステム |
|
HC705E5GRS/D データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 148 page ![]() Interrupts General Release Specification MC68HC705E5 — Rev. 1.0 Interrupts Unlike RESET, hardware interrupts do not cause the current instruction execution to be halted, but are considered pending until the current instruction is complete. The current instruction is the one already fetched and being operated on. When the current instruction is complete, the processor checks all pending hardware interrupts. If interrupts are not masked (CCR I bit clear) and the corresponding interrupt enable bit is set, the processor proceeds with interrupt processing; otherwise, the next instruction is fetched and executed. If both an external interrupt and a timer interrupt are pending at the end of an instruction execution, the external interrupt is serviced first. The SWI is executed the same as any other instruction, regardless of the I-bit state. Table 4-1. Vector Address for Interrupts and Reset Register Flag Name Interrupts CPU Interrupt Vector Address N/A N/A Reset RESET $1FFE–$1FFF N/A N/A Software SWI $1FFC–$1FFD N/A N/A External Interrupt IRQ $1FFA–$1FFB TCSR TOF Timer Overflow TIMER $1FF8–$1FF9 N/A RTIF Real-Time Interrupt TIMER $1FF8–$1FF9 CPICSR CPIF Custom Periodic Interrupt CPI $1FF6–$1FF7 SSR SF Synchronous Serial Interrupt SSI $1FF4–$1FF5 MSR MIF M-Bus Interrupt M Bus $1FF2–$1FF3 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |