| データシートサーチシステム |
|
HC705E5GRS/D データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 148 page ![]() Central Processing Unit (CPU) General Release Specification MC68HC705E5 — Rev. 1.0 Central Processing Unit (CPU) Figure 3-2. Stacking Order 3.3 Accumulator The accumulator is a general-purpose 8-bit register used to hold operands and results of arithmetic calculations or data manipulations. 3.4 Index Register The index register is an 8-bit register used for the indexed addressing value to create an effective address. The index register may also be used as a temporary storage area. INDEX REGISTER PCL ACCUMULATOR CONDITION CODE REGISTER PCH 11 1 70 STACK I N T E R R U P T DECREASING UNSTACK R E T U R N INCREASING NOTE: Since the stack pointer decrements during pushes, the PCL is stacked first, followed by PCH, etc. Pulling from the stack is in the reverse MEMORY ADDRESSES MEMORY ADDRESSES Bit 7 654321 Bit 0 A Figure 3-3. Accumulator (A) Bit 7 654321 Bit 0 X Figure 3-4. Index Register (X) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |