データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

885392005114 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 885392005114
部品情報  WCAP-CSRF High Frequency MLCC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

885392005114 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  885392005114 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dimensions: [mm]
0,25
+0,05
-0,1
1,0 ±0,05
Scale - 30:1
Recommended Land Pattern: [mm]
0,5
1,5
Scale - 30:1
Schematic:
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Capacitance
C
1 ±0.2 VRMS, 1 MHz ±10%
@25 °C
22
pF
±5%
Rated Voltage
VR
50
V (DC) max.
Q-Factor
Q
1 ±0.2 VRMS, 1 MHz ±10%
@25 °C
840
min.
Insulation Resistance
RISO Apply VR for 120 s max.
10
min.
Precondition for Class II MLCC measurement: Apply a preheat treatment @150 ±10 °C for 1 hour.
The measurement should be applied after 24 ±2 hrs the part was stored under ambient conditions.
There is not any precondition necessary for Class I MLCC.
General Information:
High Frequency MLCC
Ceramic Type
NP0 Class I
Temperature Coefficient
± 30 ppm/ °C max.
Operating Temperature
-55 up to +125 °C
Storage Conditions
(in original packaging)
5 °C up to + 35 °C; 10 % up to 75 % RH
Moisture Sensitivity Level (MSL)
1
Dielectric Strength
5 sec. @250 % VR; Charge & Discharge Current <50 mA
Test conditions of Electrical Properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AMM
001.000
2021-08-25
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-CSRF High Frequency
MLCC
NP00402220J050DFCT1R000
ORDER CODE
885392005114
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0402
eiCap
Valid
1/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 885392005114

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
885392005110 WURTH-885392005110 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005116 WURTH-885392005116 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
More results

同様の説明 - 885392005114

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
885392005010 WURTH-885392005010 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004003 WURTH-885392004003 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004010 WURTH-885392004010 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005006 WURTH-885392005006 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005013 WURTH-885392005013 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004007 WURTH-885392004007 Datasheet
393Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005019 WURTH-885392005019 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005032 WURTH-885392005032 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005110 WURTH-885392005110 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005130 WURTH-885392005130 Datasheet
695Kb / 8P
WCAP-CSRF High Frequency MLCC
001.002
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com