データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

885392005114 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 885392005114
部品情報  WCAP-CSRF High Frequency MLCC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

885392005114 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  885392005114 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005114 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Packaging Specification - Tape: [mm]
End
Feeding direction
Start
P2
P0
Carrier Tape
Cover Tape
T (=K0)
T1
T1
Top Cover
Tape
P1
D0
A0
No Component
min. 160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
A
A
Packaging is referred to the international standard IEC 60286-3:2019
Tape Type
A0
(mm)
B0
(mm)
W
(mm)
T
(mm)
T1
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
D0
(mm)
E1
(mm)
E2
(mm)
F
(mm)
Material
Qty.
(pcs.)
typ.
typ.
+0,3/ -0,1
ref.
ref.
±0,1
±0,05
±0,05
+0,1 / -0,0
±0,1
min.
±0,05
1a
0,70
1,20
8,00
0,80
0,10
4,00
2,00
2,00
1,50
1,75
6,25
3,50
Paper
10000
165° - 180°
Pull-of force
Tape width
8 mm
0,1 N - 1,0 N
Packaging Specification - Reel: [mm]
B
C
W3
W2
W1
close to center
detail B
Top
Cover Tape
Embossment
Sprocket Hole
Chip Cavity
Bottom
Cover Tape
B
A
(mm)
B
(mm)
C
(mm)
D
(mm)
N
(mm)
W1
(mm)
W2
(mm)
W3
(mm)
W3
(mm)
Material
± 2,0
min.
min.
min.
min.
+1,5
max.
min.
max.
178
1.5
12.8
20.2
50
8.4
14.4
7.9
10.9
Polystyrene
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AMM
001.000
2021-08-25
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-CSRF High Frequency
MLCC
NP00402220J050DFCT1R000
ORDER CODE
885392005114
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0402
eiCap
Valid
3/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com