データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16 データシート(PDF) 5 Page - Nexperia B.V. All rights reserved

部品番号 BAS16
部品情報  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16 データシート(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS16 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Nexperia
BAS16
High-speed switching diode
11. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ = 0.05
Oscilloscope: rise time tr = 0.35 ns
Fig. 5. Reverse recovery time test circuit and waveforms
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 kΩ
450 Ω
D.U.T.
mga882
VFR
t
output signal
V
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty cycle δ ≤ 0.005
Fig. 6. Forward recovery voltage test circuit and waveforms
12. Package outline
18-03-12
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
1
2
3
Fig. 7. Package outline SOT23
BAS16
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com