データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16 データシート(PDF) 2 Page - Nexperia B.V. All rights reserved

部品番号 BAS16
部品情報  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16 データシート(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
BAS16
High-speed switching diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS16
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAS16
A6%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
[1]
-
215
mA
tp = 1 µs; square wave; Tj(init) = 25 °C
-
4
A
tp = 1 ms; square wave; Tj(init) = 25 °C
-
1
A
IFSM
non-repetitive peak
forward current
tp = 1 s; square wave; Tj(init) = 25 °C
-
0.5
A
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
BAS16
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com