データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS21 データシート(PDF) 4 Page - Nexperia B.V. All rights reserved

部品番号 BAS21
部品情報  High-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21 データシート(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAS21
High-voltage switching diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 100 mA; Tj = 25 °C
-
-
1
V
VF
forward voltage
IF = 200 mA; Tj = 25 °C
-
-
1.25
V
VR = 200 V; Tj = 25 °C
-
-
100
nA
IR
reverse current
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tamb = 25 °C
-
-
5
pF
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA; Tamb = 25 °C
-
-
50
ns
600
IF
(mA)
0
200
400
mbg384
0
2
1
VF (V)
(1)
(3)
(2)
(1) Tj = 150 °C; typical values
(2) Tj = 25 °C; typical values
(3) Tj = 25 °C; maximum values
Fig. 1. Forward current as a function of forward
voltage
mbg381
200
0
100
Tj (°C)
10
IR
(µA)
1
10- 2
102
10- 1
(1)
(2)
(1) VR = VRmax; maximum values
(2) VR = VRmax; typical values
Fig. 2. Reverse current as a function of junction
temperature
mbg703
10
1
102
IFSM
(A)
10- 1
tp (µs)
1
104
103
10
102
Based on square wave currents.
Tj(init) = 25 °C
Fig. 3. Non-repetitive peak forward current as a
function of pulse duration; maximum values
mbg447
0
4
8
6
2
VR (V)
1.0
0.8
0.2
0.6
0.4
Cd
(pF)
f = 1 MHz
Tj = 25 °C.
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values.
BAS21
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com