データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS21 データシート(PDF) 1 Page - Nexperia B.V. All rights reserved

部品番号 BAS21
部品情報  High-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21 データシート(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS21
High-voltage switching diode
1 July 2022
Product data sheet
1. General description
High-voltage switching diode encapsulated in a small SOT23 Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current
• Reverse voltage VR ≤ 200 V
• Low capacitance: Cd ≤ 5 pF
• Small SMD plastic package
3. Applications
• High-speed switching at high voltage
• High-voltage general-purpose switching
• Voltage clamping
• Reverse polarity protection
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse
voltage
-
-
250
V
VR
reverse voltage
-
-
200
V
IF = 100 mA; Tj = 25 °C
-
-
1
V
VF
forward voltage
IF = 200 mA; Tj = 25 °C
-
-
1.25
V
VR = 200 V; Tj = 25 °C
-
-
100
nA
IR
reverse current
VR = 200 V; Tj = 150 °C
-
-
100
µA


同様の部品番号 - BAS21

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS21 PANJIT-BAS21 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS21 PHILIPS-BAS21 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS21 VISHAY-BAS21 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS21 TRSYS-BAS21 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS21 ZETEX-BAS21 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

同様の説明 - BAS21

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com