データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS21 データシート(PDF) 2 Page - Nexperia B.V. All rights reserved

部品番号 BAS21
部品情報  High-voltage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21 データシート(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BAS21
High-voltage switching diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A
anode
2
n.c.
not connected
3
K
cathode
1
2
3
SOT23
006aaa764
K
A
n.c.
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS21
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAS21
JS%
[1] % = placeholder for manufacturing site code
BAS21
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com