| データシートサーチシステム |
|
IRMCS2033 データシート(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2033 データシート(HTML) 5 Page - International Rectifier |
|
5 / 21 page ![]() IRMCS2033 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 4 ATTENTION: The IRMCS2033 system contains ESD (Electrostatic Discharge) sensitive parts and assemblies. Static control precautions are required when installing, testing, servicing or repairing this assembly. Component damage may result if ESD control procedures are not followed. If you are not familiar with static control procedures, reference applicable ESD protection handbook and guideline. ATTENTION: An incorrectly applied or installed drive can result in component damage or reduction in product life. Wiring or application errors such as undersizing the motor, supplying an incorrect DC voltage, or excessive ambient temperatures may result in system malfunction. ! ! ATTENTION: Remove dc power input to IRMCS2033 while disconnecting or reconnecting wires or performing service. Wait three minutes after removing power to discharge the bus voltage. Do not attempt to service the drive until bus voltage has discharged to zero. Failure to do so may result in bodily injury or death. ! ATTENTION: Do not connect power factor correction capacitors to drive output terminals U, V, and W. Failure to do so may result in equipment damage or bodily injury. ! |