| データシートサーチシステム |
|
IRMCS2033 データシート(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2033 データシート(HTML) 10 Page - International Rectifier |
|
10 / 21 page ![]() IRMCS2033 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 9 Installing the Software The ServoDesignerTM tool is distributed on the CD-ROM. Load the CD into the CD-ROM drive on a PC and double- click “IRMCS2033.exe”. The installation requires a password, which can be found in the file “iMOTION Install IRMCS2033.pdf” on the same CD-ROM. The automated procedure installs all necessary software on the PC. The default location for the installation is “C:\Program Files\iMOTION”. Power-On the System Apply DC power 20 to 45V (recommended voltage range) to the system (IRMCS2033). Immediately after power-on, the LED will turn green indicating successful configuration of the IRMCK203. |