データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRMCS2033 データシート(PDF) 14 Page - International Rectifier

部品番号 IRMCS2033
部品情報  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 データシート(HTML) 14 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier IRMCS2033 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
13
Command Acknowledgement Byte
Checksum
Register Read Acknowledgement (error)
The following example shows a command sequence sent from the host to the IRMCK203 requesting four bytes of read
register data:
0xA0
Read operation beginning at offset 0x20 (high-order bit selects read operation)
0x04
Requested data byte count is 4
0xA4
Checksum
A good reply from the IRMCK203 might appear as follows:
0x20
Read completed OK at offset 0x20
0x11
Data byte 1
0x22
Data byte 2
0x33
Data byte 3
0x44
Data byte 4
0xCA
Checksum
An error reply to the command would have the following format:
0xA0
Read at offset 0x20 completed in error
0xA0
Checksum
RS-232 Timeout
The IRMCK203 receiver includes a timer that automatically terminates transfers from the host to the IRMCK203 after
a period of 32 msec.
RS-232 Transfer Examples
The following example shows a normal exchange executing a register write access.
The example below shows a normal register read access exchange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21