| データシートサーチシステム |
|
ICS9FG107 データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9FG107 データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 19 page ![]() IDTTM/ICSTM Programmable FTG for Differential P4 TM CPU, PCI-Express & SATA Clocks ICS9FG107 REV F 08/21/07 ICS9FG107 Programmable FTG for Differential P4 TM CPU, PCI-Express & SATA Clocks 7 I 2C Table: Frequency Select Readback Register Pin # Name Control Function Type0 1 PWD Bit 7 SEL14M_25M# 1 (FS3) State of pin 27 R Pin 27 Bit 6 FS2 1 State of pin 6 R Pin 5 Bit 5 FS1 1 State of pin 44 R Pin 44 Bit 4 FS0 1 State of pin 7 R Pin 7 Bit 3 SPREAD 1 State of pin 26 R Off On Pin 26 Bit 2 RX Bit 1 RX Bit 0 DWNSPRD 1 State of pin 45 R Down Center Pin 45 Notes: 1. These read-only bits always reflect the latched state of the corresponding pins at power up. I 2C Table: Vendor & Revision ID Register Pin # Name Control Function Type0 1 PWD Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 0 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 I 2C Table: DEVICE ID Pin # Name Control Function Type0 1 PWD Bit 7 R0 Bit 6 R0 Bit 5 R0 Bit 4 R0 Bit 3 R0 Bit 2 R1 Bit 1 R1 Bit 0 R1 RESERVED RESERVED Device ID = 07 Hex Bit 7 is MSB RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED 5 27 7 44 Byte 3 26 RESERVED RESERVED RESERVED RESERVED 45 Byte 4 - REVISION ID - - - - VENDOR ID - - - Byte 5 - - - - - - - See Frequency Selection Table, Page 1 - |