| データシートサーチシステム |
|
ICS9FG1901 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9FG1901 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 18 page ![]() 13 Integrated Circuit Systems, Inc. ICS9FG1901 0962E—01/02/07 SMBus Table: Gearing PLL Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 Gearing PLL N Div7 RW X Bit 6 Gearing PLL N Div6 RW X Bit 5 Gearing PLL N Div5 RW X Bit 4 Gearing PLL N Div4 RW X Bit 3 Gearing PLL N Div3 RW X Bit 2 Gearing PLL N Div2 RW X Bit 1 Gearing PLL N Div1 RW X Bit 0 Gearing PLL N Div0 RW X SMBusTable: Gearing PLL Output Divider Register (Rev H and higher) Pin # Name Control Function Type0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 Gearing PLL OutDiv 3 PLL 1 Output Divider RW X Bit 2 Gearing PLL OutDiv 2 PLL 1 Output Divider RW X Bit 1 Gearing PLL OutDiv 1 PLL 1 Output Divider RW X Bit 0 Gearing PLL OutDiv 0 PLL 1 Output Divider RW X SMBusTable: Reserved Register Pin # Name Control Function Type0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 SMBusTable: Reserved Register Pin # Name Control Function Type0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED Byte 15 RESERVED See Output Divider Table Byte 14 RESERVED RESERVED RESERVED RESERVED - Byte 13 RESERVED Byte 12 - N Divider Programming Byte12 bit(7:0) and Byte11 bit(7:6) - - - - - - RESERVED RESERVED RESERVED |