| データシートサーチシステム |
|
ICS9FG1901 データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9FG1901 データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 18 page ![]() 14 Integrated Circuit Systems, Inc. ICS9FG1901 0962E—01/02/07 SMBusTable: Reserved Register Pin # Name Control Function Type0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 0 Bit 2 0 Bit 1 0 Bit 0 0 SMBus Table: 1:1 PLL Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 1:1 PLL N Div8 N Divider Prog bit 8 RW X Bit 6 1:1 PLL N Div9 N Divider Prog bit 9 RW X Bit 5 1:1 PLL M Div5 RW X Bit 4 1:1 PLL M Div4 RW X Bit 3 1:1 PLL M Div3 RW X Bit 2 1:1 PLL M Div2 RW X Bit 1 1:1 PLL M Div1 RW X Bit 0 1:1 PLL M Div0 RW X SMBus Table: 1:1 PLL Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 1:1 PLL N Div7 RW X Bit 6 1:1 PLL N Div6 RW X Bit 5 1:1 PLL N Div5 RW X Bit 4 1:1 PLL N Div4 RW X Bit 3 1:1 PLL N Div3 RW X Bit 2 1:1 PLL N Div2 RW X Bit 1 1:1 PLL N Div1 RW X Bit 0 1:1 PLL N Div0 RW X SMBusTable: 1:1 PLL Output Divider Register (Rev H and higher) Pin # Name Control Function Type0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 1:1 PLL OutDiv 3 PLL 2 Output Divider RW X Bit 2 1:1 PLL OutDiv 2 PLL 2 Output Divider RW X Bit 1 1:1 PLL OutDiv 1 PLL 2 Output Divider RW X Bit 0 1:1 PLL OutDiv 0 PLL 2 Output Divider RW X - - - - - Byte 16 - Byte 17 - - - Byte 19 - - Byte 18 - - - - - RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED See Output Divider Table N Divider Programming b(7:0) RESERVED RESERVED RESERVED M Divider Programming bits |