| データシートサーチシステム |
|
CYT4DNJBJS データシート(PDF) 27 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS データシート(HTML) 27 Page - Infineon Technologies AG |
|
27 / 209 page ![]() Datasheet 27 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Peripheral I/O map Sound Time Division Multiplexer 0 (TDM0) 0x4081 0000 8 0 TDM0 Structures 0x4081 8000 4 0x200 Sound Generator 0 (SG0) 0x4082 0000 8 1 SG0 Structures 0x4082 8000 5 0x100 Pulse Width Modulation 0 (PWM0) 0x4083 0000 8 2 PWM0 Structures 0x4083 8000 2 0x100 Audio DAC0 0x4084 0000 1 8 3 Mixer0 0x4088 0000 8 4 Mixer0 Source Structures 0x4088 8000 5 0x100 Mixer0 Destination Structures 0x4088 C000 1 Mixer1 0x4089 0000 8 5 Mixer1 Source Structures 0x4089 8000 5 0x100 Mixer1 Destination Structures 0x4089 C000 1 SAR PASS Programmable Analog Subsystem (PASS0) 0x4090 0000 9 0 SAR0 channel controller 0x4090 0000 SAR0 channel structures 0x4090 0800 24[22] 0x40 SAR1 channel structures 0x4090 1800 24 0x40 Graphics Video Subsystem (VIDEOSS0) 0x40A0 0000 10 0 Subsystem Interface 0x40A0 0000 1 0x80000 Video IO 0x40A8 0000 1 0x40000 Display Engine 0x40AA 0000 2 0x4000 FPD-Link 0x40AC 0000 2 0x400 MIPI CSI0 0x40AD 0000 1 0x400 VIDEOSS0 Power Domain Control 0x40B0 0000 1 0x400 10 1 JPEGDEC Decoder 0x40B1 0000 1 0x2000 10 2 Table 6-1 CYT4DN peripheral I/O map (continued) Section Description Base address Instances Instance size Group Slave Note 22.Remaining 24 external channels are accessed from SAR1 Multiplexer. (SAR0 uses SARMUX1). |