| データシートサーチシステム |
|
CYT4DNJBJS データシート(PDF) 53 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS データシート(HTML) 53 Page - Infineon Technologies AG |
|
53 / 209 page ![]() Datasheet 53 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Interrupts and wake-up assignments 361 cpuss_interrupts_dw0_65_IRQn Active CPUSS P-DMA0, Channel #65 Interrupt 362 cpuss_interrupts_dw0_66_IRQn Active CPUSS P-DMA0, Channel #66 Interrupt 363 cpuss_interrupts_dw0_67_IRQn Active CPUSS P-DMA0, Channel #67 Interrupt 364 cpuss_interrupts_dw0_68_IRQn Active CPUSS P-DMA0, Channel #68 Interrupt 365 cpuss_interrupts_dw0_69_IRQn Active CPUSS P-DMA0, Channel #69 Interrupt 366 cpuss_interrupts_dw0_70_IRQn Active CPUSS P-DMA0, Channel #70 Interrupt 367 cpuss_interrupts_dw0_71_IRQn Active CPUSS P-DMA0, Channel #71 Interrupt 368 cpuss_interrupts_dw0_72_IRQn Active CPUSS P-DMA0, Channel #72 Interrupt 369 cpuss_interrupts_dw0_73_IRQn Active CPUSS P-DMA0, Channel #73 Interrupt 370 cpuss_interrupts_dw0_74_IRQn Active CPUSS P-DMA0, Channel #74 Interrupt 371 cpuss_interrupts_dw0_75_IRQn Active CPUSS P-DMA0, Channel #75 Interrupt 424 cpuss_interrupts_dw1_0_IRQn Active CPUSS P-DMA1, Channel #0 Interrupt 425 cpuss_interrupts_dw1_1_IRQn Active CPUSS P-DMA1, Channel #1 Interrupt 426 cpuss_interrupts_dw1_2_IRQn Active CPUSS P-DMA1, Channel #2 Interrupt 427 cpuss_interrupts_dw1_3_IRQn Active CPUSS P-DMA1, Channel #3 Interrupt 428 cpuss_interrupts_dw1_4_IRQn Active CPUSS P-DMA1, Channel #4 Interrupt 429 cpuss_interrupts_dw1_5_IRQn Active CPUSS P-DMA1, Channel #5 Interrupt 430 cpuss_interrupts_dw1_6_IRQn Active CPUSS P-DMA1, Channel #6 Interrupt 431 cpuss_interrupts_dw1_7_IRQn Active CPUSS P-DMA1, Channel #7 Interrupt 432 cpuss_interrupts_dw1_8_IRQn Active CPUSS P-DMA1, Channel #8 Interrupt 433 cpuss_interrupts_dw1_9_IRQn Active CPUSS P-DMA1, Channel #9 Interrupt 434 cpuss_interrupts_dw1_10_IRQn Active CPUSS P-DMA1, Channel #10 Interrupt 435 cpuss_interrupts_dw1_11_IRQn Active CPUSS P-DMA1, Channel #11 Interrupt 436 cpuss_interrupts_dw1_12_IRQn Active CPUSS P-DMA1, Channel #12 Interrupt 437 cpuss_interrupts_dw1_13_IRQn Active CPUSS P-DMA1, Channel #13 Interrupt 438 cpuss_interrupts_dw1_14_IRQn Active CPUSS P-DMA1, Channel #14 Interrupt 439 cpuss_interrupts_dw1_15_IRQn Active CPUSS P-DMA1, Channel #15 Interrupt 440 cpuss_interrupts_dw1_16_IRQn Active CPUSS P-DMA1, Channel #16 Interrupt 441 cpuss_interrupts_dw1_17_IRQn Active CPUSS P-DMA1, Channel #17 Interrupt 442 cpuss_interrupts_dw1_18_IRQn Active CPUSS P-DMA1, Channel #18 Interrupt 443 cpuss_interrupts_dw1_19_IRQn Active CPUSS P-DMA1, Channel #19 Interrupt 444 cpuss_interrupts_dw1_20_IRQn Active CPUSS P-DMA1, Channel #20 Interrupt 445 cpuss_interrupts_dw1_21_IRQn Active CPUSS P-DMA1, Channel #21 Interrupt 446 cpuss_interrupts_dw1_22_IRQn Active CPUSS P-DMA1, Channel #22 Interrupt 447 cpuss_interrupts_dw1_23_IRQn Active CPUSS P-DMA1, Channel #23 Interrupt 448 cpuss_interrupts_dw1_24_IRQn Active CPUSS P-DMA1, Channel #24 Interrupt 449 cpuss_interrupts_dw1_25_IRQn Active CPUSS P-DMA1, Channel #25 Interrupt 450 cpuss_interrupts_dw1_26_IRQn Active CPUSS P-DMA1, Channel #26 Interrupt 451 cpuss_interrupts_dw1_27_IRQn Active CPUSS P-DMA1, Channel #27 Interrupt 452 cpuss_interrupts_dw1_28_IRQn Active CPUSS P-DMA1, Channel #28 Interrupt 453 cpuss_interrupts_dw1_29_IRQn Active CPUSS P-DMA1, Channel #29 Interrupt 454 cpuss_interrupts_dw1_30_IRQn Active CPUSS P-DMA1, Channel #30 Interrupt 455 cpuss_interrupts_dw1_31_IRQn Active CPUSS P-DMA1, Channel #31 Interrupt Table 14-1 Peripheral interrupt assignments and wake-up sources (continued) Interrupt Source Power mode Description |