| データシートサーチシステム |
|
CYT4DNJBJS データシート(PDF) 35 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS データシート(HTML) 35 Page - Infineon Technologies AG |
|
35 / 209 page ![]() Datasheet 35 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Package pin list and alternate functions P19.2 U7 HSIO_STDLN P19.3 V7 HSIO_STDLN P19.4 W7 HSIO_STDLN P19.5 Y7 HSIO_STDLN P19.6 U8 HSIO_STDLN P19.7 V8 HSIO_STDLN P20.0 W8 HSIO_STDLN P20.1 Y8 HSIO_STDLN P20.2 U9 HSIO_STDLN P20.3 V9 HSIO_STDLN P20.4 W9 HSIO_STDLN P20.5 Y9 HSIO_STDLN P20.6 U10 HSIO_STDLN P20.7 V10 HSIO_STDLN P21.0 W10 HSIO_STDLN P21.1 Y10 HSIO_STDLN P21.2 U11 HSIO_STDLN P21.3 V11 HSIO_STDLN P23.0 C1 HSIO_ENH P23.1 C2 HSIO_ENH P23.2 D1 HSIO_ENH P23.3 D2 HSIO_ENH P23.4 D3 HSIO_ENH P24.0 G1 HSIO_ENH_PDIFF[30] P24.1 G2 HSIO_ENH_PDIFF[30] P25.0 E1 HSIO_ENH P25.1 E2 HSIO_ENH P25.2 E3 HSIO_ENH P25.3 F1 HSIO_ENH P25.4 F2 HSIO_ENH P25.5 F3 HSIO_ENH P26.0 H1 HSIO_ENH P26.1 H2 HSIO_ENH P26.2 J1 HSIO_ENH P26.3 J2 HSIO_ENH P26.4 J3 HSIO_ENH P27.0 M1 HSIO_ENH_PDIFF[30] P27.1 M2 HSIO_ENH_PDIFF[30] P28.0 K1 HSIO_ENH P28.1 K2 HSIO_ENH P28.2 K3 HSIO_ENH Table 11-1 Pin selector and alternate pin functions in DeepSleep (DS) Mode, Analog, Smart I/O[36] (continued) Name Package I/O Type DeepSleep Mapping Analog/HV Smart I/O 327-BGA HCon#0 HCon#29[31] HCon#30 Pin DS#5[32, 33] DS#6 Note 30.To use SMIF differential clock pin as GPIO output, it is recommended to disable the other associated I/O pin. Refer to the device Architecture TRM for more information. |