| データシートサーチシステム |
|
CYT4DNJBJS データシート(PDF) 201 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS データシート(HTML) 201 Page - Infineon Technologies AG |
|
201 / 209 page ![]() Datasheet 201 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Revision history Revision history Document revision Date Description of changes ** 2018-09-10 New datasheet for NPP *A 2019-04-08 Modified the title Updated Features and Features list Updated Functional Description Updated Device Address Map Modified the Peripheral I/O Map Added Clock Diagram Added 500-BGA Ball Map Added Package Pin List and Alternate Functions Added Power Pin Assignments Added Alternate Function Pin Assignments Added Interrupts and Wake-up Assignments Added Trigger Multiplexer Added Peripheral Clocks Added Faults, Bus Masters, and other miscellaneous configurations Added PPU Fixed Structure Pairs Updated Electrical Specifications Added Ordering Information, Part Number Nomenclature Updated Packaging. *B 2019-05-24 Updated Features list, Pin assignment. Updated Electrical specifications. Added PPU fixed structure pairs. Added Table 26-19 for Root and Intermediate Clocks. Updated CYT4DN peripheral I/O map, Triggers 1:1, Bus masters for access and protection control. Added 500-Ball FBGA Package Outline.. *C 2020-03-30 Updated Pin assignment with 327-BGA. Updated Faults Description. Updated Electrical specifications. Added 327-BGA Package Diagram. *D 2020-09-14 Updated Features and Features list. Updated DMA controllers. Modified Figure 3-1 Updated Timer/counter/PWM block (TCPWM). Updated Serial memory interface (SMIF). Updated Sound subsystem. Updated Graphics. Updated Peripheral I/O map. Updated Pin assignment. Updated Package pin list and alternate functions, Power pin assign- ments, and Alternate function pin assignments. Updated Interrupts and wake-up assignments and Core interrupt types. Updated Trigger multiplexer, Triggers group inputs, and Triggers one-to-one. Updated Faults. Updated Peripheral protection unit fixed structure pairs. Updated Electrical specifications. Updated VIDEOSS capture timing groups. Added Appendix. |